PART |
Description |
Maker |
MGSF3454VT1 MGSF3454VT1_D ON1906 MGSF3454VT1-D ON1 |
Low Rds(on) Small-Signal MOSFETs TMOS Single N-Channel Field Effect Transistors N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc] MOTOROLA INC
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
MGICP020 |
Low rDS Small Signal MOSFET TMOS P-Channel High Side Driver
|
Motorola Semiconductor
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
BS170 BS170RL1 BS170RLRA BS170RLRM BS170RLRP BS170 |
Small Signal MOSFET 500 mAmps, 60 Volts Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
|
ONSEMI[ON Semiconductor]
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SI4488DY-T1-E3 |
TRANSISTOR 3500 mA, 150 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal Trans MOSFET N-CH 150V 3.5A 8-Pin SOIC N
|
Vishay Siliconix
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
MGSF3441XT3 MGSF3441XT1 |
OBSOLETE - REPLACEMENT P/N# - NTGS3441T1 Low rDS(on) Small-Signal MOSFETs TMOS Single P-Channel Field Effect Transistors
|
ON Semiconductor MOTOROLA[Motorola, Inc] Motorola, Inc.
|
ZVN4525G ZVN4525GTA ZVN4525GTC |
PNP 30CM DIFF W/ADJ RoHS Compliant: Yes 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 250V N-CHANNEL ENHANCEMENT MODE MOSFET 310 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-channel MOSFET
|
Zetex Semiconductor PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
|